Part Number Hot Search : 
GW12LHH M115FGN HT46R 324750 2N1561 PE4512 G804Y PN4302
Product Description
Full Text Search
 

To Download SI3435DV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI3435DV
New Product
Vishay Siliconix
P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.036 @ VGS = - 4.5 V - 12 0.050 @ VGS = - 2.5 V 0.073 @ VGS = - 1.8 V
ID (A)
- 6.3 - 5.3 - 4.4
(4) S
TSOP-6 Top View
1 6 (3) G 3 mm 2 5
3
4 (1, 2, 5, 6) D P-Channel MOSFET
2.85 mm
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Diode Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C PD TJ, Tstg TA = 25_C ID TA = 85_C IDM IS - 1.7 2.0 1.0 - 55 to 150 - 4.6 - 20 - 0.9 1.1 0.6 W _C - 3.4 A
Symbol
VDS VGS
5 secs
Steady State
- 12 "8
Unit
V
- 6.3
- 4.8
THERMAL RESISTANCE RATINGS
Parameter
t v 5 sec Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71318 S-03371--Rev. B, 03-Mar-03 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
45 90 25
Maximum
62.5 110 30
Unit
_C/W C/W
1
SI3435DV
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = - 250 mA VDS = 0 V, VGS = "8 V VDS = - 9.6 V, VGS = 0 V VDS = - 9.6 V, VGS = 0 V, TJ = 85_C VDS = - 5 V, VGS = - 4.5 V VGS = - 4.5 V, ID = - 6.3 A Drain-Source On-State Resistancea rDS(on) VGS = - 2.5 V, ID = - 5.3 A VGS = - 1.8 V, ID = - 2 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = - 5 V, ID = - 6.3 A IS = - 1.7 A, VGS = 0 V - 20 0.030 0.042 0.060 15 - 0.7 - 1.2 0.036 0.050 0.073 S V W - 0.45 "100 -1 -5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = - 1.7 A, di/dt = 100 A/ms VDD = - 6 V, RL = 6 W ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W VDS = - 6 V, VGS = - 4.5 V, ID = - 6.3 A 15 3 3.3 18 45 90 80 30 36 90 180 160 50 ns 23 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
20 VGS = 5 thru 2.5 V 16 I D - Drain Current (A) I D - Drain Current (A) 2V 12 16 20
Transfer Characteristics
TC = - 55_C 25_C
12 125_C 8
8 1.5 V 4 1V 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
4
0 0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V) Document Number: 71318 S-03371--Rev. B, 03-Mar-03
www.vishay.com
2
SI3435DV
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.15 r DS(on) - On-Resistance ( W ) 2500
Vishay Siliconix
Capacitance
VGS = 1.8 V 0.09
C - Capacitance (pF)
0.12
2000
Ciss
1500
0.06
VGS = 2.5 V VGS = 4.5 V
1000 Coss 500 Crss
0.03
0.00 0 4 8 12 16 20
0 0 3 6 9 12
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 6 V ID = 6.3 A 4 1.4
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 6.3 A 1.2
3
r DS(on) - On-Resistance (W) (Normalized)
1.0
2
0.8
1
0 0 4 8 12 16 Qg - Total Gate Charge (nC)
0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
20 TJ = 150_C I S - Source Current (A) 10 r DS(on) - On-Resistance ( W ) 0.12 0.15
On-Resistance vs. Gate-to-Source Voltage
0.09
ID = 6.3 A
0.06
0.03
TJ = 25_C 1 0.0 0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71318 S-03371--Rev. B, 03-Mar-03
www.vishay.com
3
SI3435DV
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 30
Single Pulse Power
0.3 V GS(th) Variance (V) ID = 250 mA 0.2 Power (W)
24
18 TA = 25_C 12
0.1
0.0 6
- 0.1
- 0.2 - 50
- 25
0
25
50
75
100
125
150
0 10 -2
10 -1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Safe Operating Area, Junction-To-Ambient
100 IDM Limited rDS(on) Limited 10 I D - Drain Current (A) P(t) = 0.001 P(t) = 0.01 1 ID(on) Limited P(t) = 0.1 P(t) = 1 P(t) = 10 dc
0.1
TA = 25_C Single Pulse BVDSS Limited
0.01 0.1 1 10 100
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
t1 t2
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec) Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 71318 S-03371--Rev. B, 03-Mar-03
SI3435DV
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Vishay Siliconix
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
Document Number: 71318 S-03371--Rev. B, 03-Mar-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI3435DV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X